Part Number Hot Search : 
MC10E1 24C08 3843B LXM16 264M64 P18N50 2700000 45020
Product Description
Full Text Search
 

To Download TPH1205S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tph s eries www.gztoppower.com tel:0086-20-82 019000 email:sales2@gztoppower.com page 1 /4 description the tph series are miniature, isolated 2w dc/dc con verters in a sip and dip package. they offer the ideal solution in many space critical app lications for board level power distribution. the internal smd construction makes it possible to offe r a product with high performance at low cost. the series offers smaller size, improved efficiency , lower output ripple noise and 3kvdc isolation. 2w isolated single & dual output dc/dc converters features rohs compliant efficiency up to 86% power density up to 1.44w/cm 3 operating temperature: -40oc to 85oc dual output from a single input rail ul 94v-0 package material power sharing on output 3kvdc isolation industry standard pinout input voltage:5v, 12v, 24v, 48v output voltage: 5v,9v,12v, 15v,24v / 5v,9v,12v ,15v, 24v / selection guide part number nominal input voltage output voltage output current efficiency package style v v ma % tph0505d 5 5 200 80 dip tph0509d 5 9 110 80 dip tph0512d 5 12 84 81 dip tph0515d 5 15 68 84 dip tph0505s 5 5 200 80 sip tph0509s 5 9 110 80 sip tph0512s 5 12 84 82 sip tph0515s 5 15 68 83 sip tph1205d 12 5 200 80 dip tph1209d 12 9 110 83 dip tph1212d 12 12 84 84 dip tph1215d 12 15 68 86 dip TPH1205S 12 5 200 80 sip tph1209s 12 9 110 83 sip tph1212s 12 12 84 84 sip tph1215s 12 15 68 86 sip tph2405d 24 5 200 80 dip tph2409d 24 9 110 85 dip tph2412d 24 12 84 86 dip tph2415d 24 15 68 86 dip tph2424d 24 24 42 85 dip tph2405s 24 5 200 82 sip tph2409s 24 9 110 85 sip tph2412s 24 12 84 85 sip tph2415s 24 15 68 85 sip tph2424s 24 24 42 85 sip tph4805d 48 5 200 82 dip tph4809d 48 9 110 82 dip tph4812d 48 12 84 85 dip tph4815d 48 15 68 85 dip tph4805s 48 5 200 82 sip tph4809s 48 9 110 83 sip tph4812s 48 12 84 85 sip tph4815s 48 15 68 84 sip
tph s eries www.gztoppower.com tel:0086-20-82 019000 email:sales2@gztoppower.com page 2 /4 general characteristics parameter conditions min. typ. max. units switching frequency 5v input 90 khz switching frequency 12v input 90 khz switching frequency 24v & 48v input 90 khz output characteristics parameter conditions min. max. units rated power ta=-40c to 85c 2 w voltage set point accuracy tph0505d/s -5 7.5 % voltage set point accuracy all other types -5 5 % line regulation high vin to low vin 1.2 % load regulation(10% load to rated load) 5v output 10 % load regulation(10% load to rated load) 9v output 10 % load regulation (10% load to rated load) 12v output 10 % load regulation(10% load to rated load) 15v output 10 % isolation characteristics parameter conditions min. typ. max. units isolation test voltage flash tested for 1 second 3000 vdc resistance viso= 1000v 1 g selection guide part number nominal input voltage output voltage output current efficiency package style v v ma % tph0505da 5 5 400 80 dip tph0509da 5 9 220 80 dip tph0512da 5 12 168 81 dip tph0515da 5 15 136 84 dip tph1205da 12 5 400 80 dip tph1209da 12 9 220 83 dip tph1212da 12 12 168 84 dip tph1215da 12 15 136 86 dip tph2405da 24 5 400 80 dip tph2409da 24 9 220 85 dip tph2412da 24 12 168 86 dip tph2415da 24 15 136 86 dip tph2424da 24 24 84 85 dip tph4805da 48 5 400 82 dip tph4809da 48 9 220 82 dip tph4812da 48 12 168 85 dip tph4815da 48 15 136 85 dip input characteristics parameter conditions min. typ. max. units voltage range 5v input 4.5 5 5.5 v voltage range 12v input 11 12 13 v voltage range 24v input 22 24 26 v voltage range 48v input 43 48 53 v
tph s eries www.gztoppower.com tel:0086-20-82 019000 email:sales2@gztoppower.com page 3 /4 all dimensions in mm 0.25mm. all pins on a 2.54 mm pitch and within 0.25mm of true position. weight: 2.85g (dip) 2.76g (sip) * pin not fitt ed on single output variants. absolute maximum ratings short-circuit protection 1 second lead temperature 1.5mm from case for 10 seconds 300 internal power dissipation 300mw input voltage vin, tph05 7v input voltage vin, tph12 15v input voltage vin, tph24 28v input voltage vin, tph48 54v temper ature characteristics parameter conditions min. typ. max. units specification all output -40 85 storage -50 130 case temperature above 5v output 33 case temperature above 12v output 27 cooling free air convection temperature derating graphs tolerance envelopes mechanical dimensions pin connections-14pin dip pin function 1 -vin 7 nc 8 ov 9 +vout 11 -vout 14 +vin pin connections-7pin sip pin function 1 +vin 2 -vin 4 -vout 5 ov 6 +vout all specifications typical at ta=25 , nominal input voltage and rated output current un less otherwise output voltage t y p i c a l l o a d l i n e 10 25 50 75 100 -7.5% +2.5% -2.5% nom v +5% +10% output load current(%) safe operating area 85 c ambient temperature( c) output power(w) 150 100 50 0 -40 0 1.0 2.0 3.0 dip package sip package 2.00 12.70 2.54 yyww tph0505s 19.50 0.55 0.45 tph0505d yyww 19.50 4.60 3.60 2.54 7.62 2.13 15.24 1.09 0.30 0.20 0.55 0.45 1 7 8 9 11 14 1 2 4 5 6 9.80 7.70 7.50 10.00 0.55 0.45 4.60 3.60 0.30 0.20 1.25 bottom view bottom view toppower toppower
tph s eries www.gztoppower.com tel:0086-20-82 019000 email:sales2@gztoppower.com page 4 /4 recommended footprint details tube outline dimensions soldering information this series is compatible with rohs soldering syste ms with a peak wave solder temperature of 300 for 10 seconds. both sip and dip types in this ser ies are backward compatible with sn/pb soldering systems. unless otherwise stated all dimensions in mm 0.5mm . tube length (14 pin dip) : 520mm 2mm. tube length (7 pin sip) : 520mm 2mm. tube qua ntity:25 14pin dip ? 7pin sip ? 14pin dip tube 7pin siptube 9.30 12.43 0.50 5.00 18.00 12.00 14.50 5.05 0.65 5.07 14pin dip package 7pin sip package 2.54 2.54 1.00 1.15 5 5 hole s 2.54 2.54 1.15 1.00 5 5 hole s


▲Up To Search▲   

 
Price & Availability of TPH1205S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X